Part Number Hot Search : 
SM6TY UF2GF D1176Q AT250 045CT SH0083B 2000D 20N60F
Product Description
Full Text Search
 

To Download EE09012-GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all specification & dimensions are subject to change, ple ase call your nearest foxconn sales representative for update information . specifications agp ee series vertical type w/o retainer,metal h/d 1.00mm [.039?] pitch 180 pos . mechanical contact retention force: 0.30 kg f min . mating force: 93.56gf max. per contact pair unmating force: 9.92~56.13gf per contact pair durability: 50 cycles electrical current rating: 1 a max. contact resi stance: 1 0m w max. initial dielectric withstanding voltage: 4 00v ac insulation resistance: 8 00m w min. physical housing: thermoplastic, ul 94v - 0 rated, in brown color contact: copper alloy plating: see ?ordering information? operating temperature: 0 j to +85 j drawing ordering information product no.: ee 0 90 1 * - * m card conn 0=straight 90=180 pos. 1=2.54[.010] 1.00[.039] pitch edge m=m.h.d type 1=gold flash gold plating g=gold plating contact area plating material type series prefix termination type no.of pos. tail length type 2=20u" gold 3=30u" gold 6=10u" gold 7=15u" gold q=30u" pd/ni plating t=15u" pd/ni plaring


▲Up To Search▲   

 
Price & Availability of EE09012-GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X